PART |
Description |
Maker |
AM29116/DMC AM29L116ALC AM29L116ALCB AM29L116ADCB |
Automotive Catalog Dual Retriggerable Monostable Multivibrators 16-TSSOP -40 to 105 High-Performance 16-Bit Bipolar Microprocessors High-Performance 16-Bit Bipolar Microprocessors
|
Advanced Micro Devices, Inc.
|
SH7011 |
CMOS single-chip microprocessors
|
Renesas Electronics Corporation
|
LC65102 LC65102A LC65104A LC65104AMFP30S |
4-BIT, MROM, 6 MHz, MICROCONTROLLER, PDSO30 4-Bit Single-Chip Microprocessors
|
SANYO[Sanyo Semicon Device]
|
TMP68HC000F |
16 Bit Microprocessors
|
Toshiba
|
D8085AH 8085AH-2 8085AH 8085AH-1 |
8-BIT HMOS MICROPROCESSORS
|
INTEL[Intel Corporation]
|
N80188 |
HIGH-INTEGRATION 16-BIT MICROPROCESSORS
|
Intel Corp.
|
TMPR3916F |
TX39 32-Bit TX SystemRISC Series Microprocessors
|
TOSHIBA
|
UPD8085A UPD8085AH |
8 Bit Single Chip N Channel Microprocessors 8-Bit Single-Chip N-Channel Microprocessors
|
NEC
|
M68020 MC68020FE20 MC68020RC20 MC68020FC25 MC68020 |
The first full 32-bit implementation of the M68000 family of microprocessors from Motorola
|
Freescale Semiconductor, Inc 飞思卡尔半导体(中国)有限公司
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
LC587004 LC587006 LC587008 |
Single-Chip 4-Bit Microprocessors with LCD Drivers 2Kb RAM and 812or 16 KB ROM on chip Single-Chip 4-Bit Microprocessors with LCD Drivers, 2Kb RAM, and 8,12,or 16 KB ROM on chip
|
SANYO[Sanyo Semicon Device]
|